Part Number Hot Search : 
AD9235 M3R16FAJ LT357 100LT G5642 TC500ACP AN4242 B40FS
Product Description
Full Text Search
 

To Download BC327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BC327 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92(r)?? pnp ?? silicon pnp transistor in a to-92(r) plastic package.  , bc337 ? high current, complementary pair with bc337.  ???? general purpose application and switching. pin1 emitter pin 2 base pin 3 collector ?? / h fe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol 16 25 40 h fe range 100~250 160~400 250~600 1 2 3
BC327 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo -50 v collector to emitter voltage v ceo -45 v emitter to base voltage v ebo -5.0 v collector current - continuous i c -800 ma emitter current - continuous i e 800 ma collector power dissipation p c 625 mw junction temperature t j 150 storage temperature range t stg -55 150 ? / electrical characteristics(ta=25 ) parameter symbol test conditions ? min ? typ ? max unit collector cut-off current i cbo v cb =-45v i e =0 -0.1 a dc current gain h fe v ce =-1.0v i c =-100ma 100 600 collector to emitter saturation v oltage v ce(sat) i c =-500ma i b =-50ma -0.7 v base to emitter on voltage v be(on) v ce =-1.0v i c =-300ma -1.2 v base to emitter saturation voltage f t v ce =-5.0v i c =-10ma f=100mhz 100 mhz transition frequency c ob v cb =-10v f=1.0mhz 16 pf ? / absolute maximum ratings(ta=25 )
BC327 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
BC327 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
BC327 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br   ?? BC327  ??? 25: ? h fe ? ****  ???? note: br: company code. BC327: product type. 25: h fe classifications symbol ****: lot no. code, code change with lot no. BC327 **** br 25
BC327 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92 1,000 10 10,000 5 50,000 135190 237172102 560245195 1,000 10 10,000 10 100,000 135190 237172102 560245375 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92 3,000 1 120 10 30,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of BC327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X